PART |
Description |
Maker |
SF400L4B1 SF400L6A1 SF400U6A1 SF400U4B1 |
FLAT PACKAGE THYRISTOR STACK
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
ST083S04PFM0 ST083S08PFM0 ST083S04PFN0 ST083S08PFN |
INVERTER GRADE THYRISTORS 晶闸管逆变器级 1200V 135A Inverter Thyristor in a TO-209AC (TO-94) package 1000V 135A Inverter Thyristor in a TO-209AC (TO-94) package 800V 135A Inverter Thyristor in a TO-209AC (TO-94) package 400V 135A Inverter Thyristor in a TO-209AC (TO-94) package
|
International Rectifier, Corp.
|
IRKT152 |
400V 150A Doubler Circuit Positive Phase Control Thyristor/Thyristor in a INT-A-Pak package
|
International Rectifier
|
PM50CSE060 |
FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE From old datasheet system
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
ST333C..CSERIES 2694 ST333C04CFM0 ST333C08CFM0 ST3 |
800V435A逆变晶闸管采用TO - 200AB(电子北辰)封装 INVERTER GRADE THYRISTORS From old datasheet system 400V 1435A Inverter Thyristor in a TO-200AB (E-Puk) package 800V 1435A Inverter Thyristor in a TO-200AB (E-Puk) package Silicon Controlled Rectifier, 1435 A, 800 V, SCR, TO-200AB, METAL CASE WITH CERAMIC INSULATOR, EPUK-3
|
International Rectifier Vishay Semiconductors
|
SMF14A SMF7.5A SMF75AG SMF78AG SMF6.5A SMF6.5AG SM |
Zener Transient Voltage Suppressor SOD−123 Flat Lead Package Zener Transient Voltage Suppressor SOD123 Flat Lead Package(齐纳TVS表面安装) 1000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ONSEMI[ON Semiconductor] http://
|
VSKL105-04 VSKL105-06 VSKL105-12 VSKL105-16 VSKL10 |
ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
|
Vishay Siliconix
|
MAX6410 MAX6407 MAX6406 MAX6408 MAX6409BS45-T MAX6 |
Voltage Detectors in 4-Bump (2 x 2) Chip-Scale Package VoIP Ringing SLIC; Temperature Range: 0°C to 70°C; Package: 28-PLCC VoIP Ringing SLIC; Temperature Range: 0°C to 70°C; Package: 28-PLCC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4 ITU CO/PABX SLIC with Low Power Standby; Temperature Range: 0°C to 70°C; Package: 28-PLCC Round Conductor Flat Cable, 3754/50 30 AWG, .025 (0.64) Round Conductor Flat Cable, 3754/34 30 AWG, .025 (0.64) Round Conductor Flat Cable, 3754/20 30 AWG, .025 (0.64) Low-Capacitance 3-Channel /-15KV ESD-Protection Array for High-Speed Data Interfaces 5-SOT -40 to 85 Round Conductor Flat Cable, 3754/68 30 AWG, .025 (0.64) 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 24-BGA MICROSTAR JUNIOR -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA4
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
VSKT105 VSKT10516P VSKT10616P VSKT10616S90P VSKT10 |
Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 105 A
|
Vishay Siliconix
|